Part Number Hot Search : 
SMDA08C Z86E0412 SKY13 2SK1516 MCR25DG 01906 2SK123 84134312
Product Description
Full Text Search
 

To Download DDA114EK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DDA (xxxx) K
PNP PRE-BIASED SMALL SIGNAL SOT-26 DUAL SURFACE MOUNT TRANSISTOR Features
NEW PRODUCT
* * *
Mechanical Data
* * * * * * * * Case: SOT-26, Molded Plastic Case material - UL Flammability Rating 94V-0 Moisture sensitivity: Level 1 per J-STD-020A Terminals: Solderable per MIL-STD-202, Method 208 Terminal Connections: See Diagram Marking: Date Code and Marking Code (See Diagrams & Page 2) Weight: 0.015 grams (approx.) Ordering Information (See Page 2)
G H K M
J
P/N DDA124EK DDA144EK DDA114YK DDA123JK DDA114EK DDA143TK DDA114TK
R1 22KW 47KW 10KW 2.2KW 10KW 4.7KW 10KW
R2 22KW 47KW 47KW 47KW 10KW -
MARKING P17 P20 P14 P06 P13 P07 P12
Maximum Ratings
Supply Voltage, (3) to (1) Input Voltage, (2) to (1)
@ TA = 25C unless otherwise specified Symbol VCC DDA124EK DDA144EK DDA114YK DDA123JK DDA114EK DDA143TK DDA114TK DDA124EK DDA144EK DDA114YK DDA123JK DDA114EK DDA143TK DDA114TK All Value 50 +10 to -40 +10 to -40 +6 to -40 +5 to -12 +10 to -40 +5 Vmax +5 Vmax -30 -30 -70 -100 -50 -100 -100 -100 300 416.7 -55 to +150 Unit V
Characteristic
Output Current
Output Current Power Dissipation (Total) Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage and Temperature Range Note:
1. Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. 2. 200mW per element must not be exceeded.
DS30349 Rev. 2 - 2
1 of 5
PXX YM
Epitaxial Planar Die Construction Complementary NPN Types Available (DDC) Built-In Biasing Resistors
A
SOT-26 Dim A
BC
Min 0.35 1.50 2.70
Max 0.50 1.70 3.00 0.95 1.90
Typ 0.38 1.60 2.80
PXX YM
B C D G H J K L M a
2.90 1.00 0.35 0.10 0
3.10 1.30 0.55 0.20 8
3.00 0.05 1.10 0.40 0.15 3/4
0.013 0.10
D
L
All Dimensions in mm
R1 R 2 R2 R1
R1 R1
R1, R2
R1 Only SCHEMATIC DIAGRAM
VIN
V
IO
mA
IC (Max) Pd RqJA Tj, TSTG
mA mW C/W C
DDA (xxxx) K
Electrical Characteristics
@ TA = 25C unless otherwise specified Symbol BVCBO BVCEO BVEBO ICBO IEBO VCE(sat) hFE DR1 fT Min -50 -50 -5 3/4 3/4 3/4 100 -30 3/4 Typ 3/4 3/4 3/4 3/4 3/4 3/4 250 3/4 250 Max 3/4 3/4 3/4 -0.5 -0.5 -0.3 600 +30 3/4 Unit V V V mA mA V -% MHz Test Condition IC = -50mA IC = -1mA IE = -50mA VCB = -50V VEB = -4V IC/IB = -2.5mA /- 0.25mA IC/IB = -1mA /- 0.1mA 3/4 VCE = -10V, IE = 5mA, f = 100MHz DDA143TK DDA114TK
NEW PRODUCT
Characteristic (DDA143TK & DDA114TK only) Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current Collector-Emitter Saturation Voltage DC Current Transfer Ratio Input Resistor (R1) Tolerance Gain-Bandwidth Product*
IC = -1mA, VCE = -5V
Characteristic DDA124EK DDA144EK DDA114YK DDA123JK DDA114EK DDA124EK DDA144EK DDA114YK DDA123JK DDA114EK DDA124EK DDA144EK DDA114YK DDA123JK DDA114EK DDA124EK DDA144EK DDA114YK DDA123JK DDA114EK DDA124EK DDA144EK DDA114YK DDA123JK DDA114EK
Symbol
Min -0.5 -0.5 -0.3 -0.5 -0.5
Typ -1.1 -1.1 3/4 3/4 -1.1 -1.9 -1.9 3/4 3/4 -1.9
Max
Unit
Test Condition
Vl(off)
3/4 V
VCC = -5V, IO = -100mA
Input Voltage
Vl(on)
3/4
-3.0 -3.0 -1.4 -1.1 -3.0
VO = -0.3, IO = -5mA VO = -0.3, IO = -2mA VO = -0.3, IO = -1mA VO = -0.3, IO = -5mA VO = -0.3, IO = -10mA IO/Il = -10mA /- 0.5mA IO/Il = -10mA /- 0.5mA IO/Il = -5mA / -0.25mA IO/Il = -5mA / -0.25mA IO/Il = -10mA / -0.5mA
Output Voltage
VO(on)
3/4
-0.1
-0.3
V
Input Current
Il
3/4 3/4 56 68 68 80 30 -30 -20 3/4
3/4 3/4 3/4 3/4 3/4 250
-0.36 -0.18 -0.88 -3.6 -0.88 -0.5
mA
VI = -5V
Output Current
IO(off)
mA 3/4
VCC = 50V, VI = 0V VO = -5V, IO = -5mA VO = -5V, IO = -5mA VO = -5V, IO = -10mA VO = -5V, IO = -10mA VO = -5V, IO = -5mA 3/4 3/4 VCE = -10V, IE = -5mA, f = 100MHz
DC Current Gain
Gl DR1 R2/R1 fT
3/4
Input Resistor (R1) Tolerance Resistance Ratio Tolerance Gain-Bandwidth Product* * Transistor - For Reference Only
+30 +20 3/4
% % MHz
Ordering Information (Note 3)
Device DDA124EK-7 DDA144EK-7 DDA114YK-7 DDA123JK-7 DDA114EK-7 DDA143TK-7 DDA114TK-7 Notes: Packaging SOT-26 SOT-26 SOT-26 SOT-26 SOT-26 SOT-26 SOT-26 Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
DS30349 Rev. 2 - 2
2 of 5
DDA (xxxx) K
Marking Information
NEW PRODUCT
PXX YM
Date Code Key Year Code Month Code Jan 1 2002 N Feb 2 2003 P March 3 Apr 4 2004 R May 5
PXX = Product Type Marking Code See Sheet 1 Diagrams YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September 2005 S Jun 6 Jul 7 2006 T Aug 8 2007 U Sep 9 2008 V Oct O Nov N 2009 W Dec D
DS30349 Rev. 2 - 2
PXX YM
3 of 5
DDA (xxxx) K
NEW PRODUCT
TYPICAL CURVES - DDA123JK ONE SECTION
VCE(SAT), MAXIMUM COLLECTOR VOLTAGE (V)
250
1
IC/IB = 10
PD, POWER DISSIPATION (mW)
200
0.1
25C
75C -25C
150
100
0.01
50
0 -50 0 50 100 150 TA, AMBIENT TEMPERATURE (C) Fig. 1 Derating Curve
1000
0.001 0
10
20
30
40
50
IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC
12
IE = 0V
hFE, DC CURRENT GAIN (NORMALIZED)
VCE = 10
10
75C
COB, CAPACITANCE (pF)
8 6 4 2 0
-25C
25C
100
10 1 10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC Current Gain
75C VO = 5V 25C
0
100
5
10
15
20
25
30
VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance
10
VO = 0.2
100 IC, COLLECTOR CURRENT (mA)
10
-25C
Vin, INPUT VOLTAGE (V)
-25C
1
1
75C
0.1
25C
0.01
0.001 0 1 2 3 4 5 6 7 8 9 10 Vin, INPUT VOLTAGE (V) Fig. 5 Collector Current Vs. Input Voltage
0.1 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current
DS30349 Rev. 2 - 2
4 of 5
DDA (xxxx) K
TYPICAL CURVES - DDA114TK ONE SECTION
NEW PRODUCT
VCE(SAT), MAXIMUM COLLECTOR VOLTAGE (V)
250
1
IC/IB = 10
PD, POWER DISSIPATION (mW)
200
0.1
75C
25C -25C
150
100
0.01
50
0 -50 0 50 100 150 TA, AMBIENT TEMPERATURE (C) Fig. 1 Derating Curve
1000
0.001 0
10
20
30
40
50
IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC
hFE, DC CURRENT GAIN (NORMALIZED)
VCE = 10 75C
12
IE = 0V
10
25C
-25C
COB, CAPACITANCE (pF)
100
8 6 4 2 0
10
1 1 10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC Current Gain
75C
0
100
5
10
15
20
25
30
VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance
10
VO = 0.2
100 IC, COLLECTOR CURRENT (mA)
25C
10
Vin, INPUT VOLTAGE (V)
-25C
1
-25C
1
75C 25C
0.1
0.01
0.001 0 1 2 3 4 5
6
7
8
9
10
1 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current
Vin, INPUT VOLTAGE (V) Fig. 5 Collector Current Vs. Input Voltage
DS30349 Rev. 2 - 2
5 of 5
DDA (xxxx) K


▲Up To Search▲   

 
Price & Availability of DDA114EK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X